Part Number Hot Search : 
LTM4623 88523 MCP2155 RL204 ZPD20 RTL8208 L31Y5R6K 25L64
Product Description
Full Text Search
 

To Download DSSK28-006BS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DSSK 28-006B DSSK 28-006BS
Power Schottky Rectifier
with common cathode
Preliminary Data
IFAV = 2x15 A VRRM = 60 V VF = 0.52 V
VRSM V 60 60
VRRM V 60 60
Type
TO-220 AB (B-Type)
A C A A C A C (TAB)
DSSK 28-006B DSSK 28-006BS
TO-263 AB (BS-Type)
A A C (TAB)
A = Anode, C = Cathode , TAB = Cathode
Symbol IFRMS IFAV IFAV IFSM EAS IAR (dv/dt)cr TVJ TVJM Tstg Ptot Md Weight
Conditions TC = 135C; rectangular, d = 0.5 TC = 135C; rectangular, d = 0.5; per device TVJ = 45C; tp = 10 ms (50 Hz), sine IAS = tbd A; L = 180 H; TVJ = 25C; non repetitive VA =1.5 * VRRM typ.; f=10 kHz; repetitive
Maximum Ratings 35 15 30 300 tbd tbd tbd -55...+150 150 -55...+150 A A A A mJ A V/s C C C W Nm g
Features * International standard package * Very low VF * Extremely low switching losses * Low IRM-values * Epoxy meets UL 94V-0
Applications * Rectifiers in switch mode power supplies (SMPS) * Free wheeling diode in low voltage converters
TC = 25C mounting torque (Version B only) typical
115 0.4...0.6 2
Advantages * High reliability circuit operation * Low voltage peaks for reduced protection circuits * Low noise switching * Low losses
Dimensions see outlines.pdf Symbol IR VF Conditions TVJ = 25C; VR = VRRM TVJ = 100C; VR = VRRM IF = 15 A; IF = 15 A; IF = 30 A;
(Version B only)
Characteristic Values typ. max. 20 50 0.52 0.56 0.69 1.1 0.5 mA mA V V V K/W K/W
TVJ = 125C TVJ = 25C TVJ = 125C
RthJC RthCH
Pulse test: Pulse Width = 5 ms, Duty Cycle < 2.0% Data according to IEC 60747 and per diode unless otherwise specified IXYS reserves the right to change limits, test conditions and dimensions.
232
(c) 2002 IXYS All rights reserved
1-1


▲Up To Search▲   

 
Price & Availability of DSSK28-006BS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X